PART |
Description |
Maker |
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
TC7WPB307FC TC7WPB307FK TC7WPB306FC TC7WPB306FK |
CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
74LCX162541TTR 74LCX162541 |
Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
|
STMicroelectronics
|
MC74LCX16500 ON1552 MC74LCX16500DT |
From old datasheet system LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
|
MOTOROLA[Motorola, Inc] ON Semi
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VCX16245 74VCX16245LB 74VCX16245LBR |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74LCXH16245TTR |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74LCXHR162245TTR 74LCXHR162245 |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
74LCX16240 74LCX16240TTR |
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
|
STMicroelectronics
|
74LCX1624407 74LCX16244-07 |
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
|
STMicroelectronics
|
54VCXH162244 54VCXH16224411 RHFXH162244K03V |
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
|
STMicroelectronics
|